Part Number Hot Search : 
1N5232 M8836 Z1715E AD8130 AT89C51 FAN3224T H101CYDL BD745B
Product Description
Full Text Search
 

To Download TSH150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TSH150
WIDE BANDWIDTH AND BIPOLAR INPUTS SINGLE OPERATIONAL AMPLIFIER
.LOWDI .GAI .UNI .SLEWRATE:190V/ .VERYFASTSETTLI
STORTION N BANDWIDTH PRODUCT : 150MHz TY GAIN STABLE s NG TIME : 20ns (0.1%)
N DIP8 (Plastic Package)
D SO8 (Plastic Micropackage)
DESCRIPTION: The TSH150 is a wideband monolithic operational amplifier, internally compensated for unity-gain stability. Low noise and low distortion, wide bandwidth and high linearity make this amplifier suitable for RF and video applications. Short circuit protection is provided by an internal current-limiting circuit. The TSH150 has internal electrostatic discharge (ESD) protection circuits and fulfills MILSTD883CClass2. PIN CONNECTIONS (top view)
ORDER CODES
Part Number TSH150C TSH150I Temperature Range 0oC, 70oC -40 C, 125 C
o o
Package N * * D *
150-01.TBL
*
Offs et Null 1 Inverting Input Non-inve rting Input VCC
1 2 3 4
8 7 6 5
Offse t Null 2 VCC+ Output N.C.
June 1998
1/7
150-01.EPS
TSH150
SCHEMATIC DIAGRAM
7 VCC +
non inverting input 3 Inte rna l Vref 6 output 2 inverting input 1 Offset N1 8 Offset N2 Cc
INPUT OFFSET VOLTAGE NULL CIRCUIT
TS H150
N1
N2
100k
VCC
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vid Vi Iin Toper Tstg Supply Voltage Differential Input Voltage Input Voltage Range Current On Inputs Current On Offset Null Pins Operating Free-Air Temperature Range Storage Temperature Range TSH150C TSH150I Parameter Value 7 5 5 50 20 0 to +70 -40 to +125 -65 to 150 Unit V V V mA
o
150-02.TBL 150-03.TBL
150-03.EPS
C C
o
OPERATING CONDITIONS
Symbol VCC Vic Supply Voltage Common Mode Input Voltage Range
-
Parameter
Value 3 to 6 VCC +2 to VCC -1
+
Unit V V
2/7
150-02.EPS
4 VCC-
TSH150
ELECTRICAL CHARACTERISTICS VCC = 5V, Tamb = 25oC (unless otherwise specified)
Symbol Vio DV io Iib Iio ICC Parameter Input Offset Voltage Tmin Tamb Tmax. Input Offset Voltage Drift Tmin Tamb Tmax. Input Bias Current Input Offset Current Supply Current, no load Min. TSH150C, I Typ. 0.3 Max. 5 7 Unit mV V/ C 30 2 30 28 40 32 V/V 800 300 200 -3 to +4 60 50 3 2.8 2.9 2.7 50 1300 850 650 -3.5 to +4.5 100 70 +3.5 -3.7 +3.3 -3.5 A A mA
o
10 5 0.1 VCC = 5V VCC = 3V VCC = 6V VCC = 5V 23 21 25
Avd
Tmin Tamb Tmax. Large Signal Voltage Gain Vo = 2.5V
Vicm CMR SVR Vo
RL = RL= 100 RL = 50 Input Common Mode Voltage Range Common Mode Rejection Ratio Vic = Vicm min. Supply Voltage Rejection Ratio VCC = 5V to 3V Output Voltage RL = 100 RL = 50 Tmin Tamb Tmax. RL = 100 RL = 50
V dB dB V
Io GBP SR en
Kov ts tr, tf td m THD FPB
Note 1 : Note 2 :
12 30
See test waveform figure Full power bandwidth = SR Vopp
3/7
150-04.TBL
Output Short Circuit Current Vid = 1V, Vo = 0V Gain Bandwidth Product AVCL = 100, R L = 100, CL = 15pF, f = 7.5MHz Slew Rate Vin = 2V, AVCL = 1, RL = 100, CL = 15pF Equivalent Input Voltage Noise R S = 50 fo = 1kHz fo = 10kHz fo = 100kHz fo = 1MHz Overshoot Vin = 2V, AVCL = 1, RL = 100, CL = 15pF Settling Time 0.1% - (note 1) Vin = 1V, AVCL = -1 Rise and Fall Time - (note 1) Vin = 100mV, AVCL = 2 Delay Time - (note 1) Vin = 100mV, AVCL = 2 Phase Margin AVM = 1, RL = 100, CL = 15pF Total Harmonic Distortion AVCL = 10, f = 1KHz, Vo = 2.5V, no load Full Power Bandwidth - (note 2) Vo = 5Vpp, R L = 100 Vo = 2Vpp, R L = 100
100 150
mA MHz V/s
100
190 nV Hz
7 6.5 6.2 5.5 5
% ns 20 ns 3.5 ns 2.5 Degrees 50 % 0.02 MHz
TSH150
TEST WAVEFORM EVALUATION CIRCUIT
+5V 10F 50 10nF
ts 0.1% of edge amplitude
Input 1k 10nF
50 Output
90% td
50%
tr Vin
10%
-5V
10F 1k
150-04.EPS
CF
PRINTED CIRCUIT LAYOUT As for any high frequency device, a few rules must be observed when designing the PCB to get the best performances from this high speed op amp. From the most to the least important points : * Each power supply lead has to be bypassed to ground with a 10nF ceramic capacitor very close to the device and a 10F tantalum capacitor. * To provide low inductance and low resistance common return, use a ground plane or common point return for power and signal. * All leads must be wide and as short as possible especially for op amp inputs. This is in order to decrease parasitic capacitance and inductance. * Use small resistor values to decrease time constant with parasitic capacitance. Be aware on TSH150 device of the Iio error and input noise currents with high feedback resistor values. * Choose component sizes as small as possible (SMD). * On output, decrease capacitor load so as to avoid circuit stability being degraded which may cause oscillation. You can also add a serial resistor in order to minimise its influence. * One can add in parallel with feedback resistor a few pF ceramic capacitor CF adjusted to optimize the settling time.
4/7
150-05.EPS
TSH150
MACROMODEL
.LOWDI .GAI .UNI
STORTION N BANDWIDTH PRODUCT : 150MHz TY GAIN STABLE
.SLEWRATE:190V/ .VERYFASTSETTLI
s NG TIME : 20ns (0.1%)
Applies to : TSH150C,I
** Standard Linear Ics Macromodels, 1993. ** CONNECTIONS : * 1 INVERTING INPUT * 2 NON-INVERTING INPUT * 3 OUTPUT * 4 POSITIV E POWER SUPPLY * 5 NEGATIVE POWER SUPPLY .SUBCKT TSH150 1 3 2 4 5 (analog) ************************************* ********************* .MODEL MDTH D IS=1E-8 KF=1.568191E-15 CJO=10F * INPUT STAGE CIP 2 5 1.000000E-12 CIN 1 5 1.000000E-12 EIP 10 5 2 5 1 EIN 16 5 1 5 1 RIP 10 11 1.040000E+02 RIN 15 16 1.040000E+02 RIS 11 15 3.264539E+02 DIP 11 12 MDTH 400E-12 DIN 15 14 MDTH 400E-12 VOFP 12 13 DC -9.162265E-05 VOFN 13 14 DC 0 IPOL 13 5 1.000000E-03 CPS 11 15 5.757255E-12 DINN 17 13 MDTH 400E-12 VIN 17 5 1.5000000e+00 DINR 15 18 MDTH 400E-12 VIP 4 18 0.500000E+00 FCP 4 5 VOFP 2.200000E+01 FCN 5 4 VOFN 2.200000E+01 FIBP 2 5 VOFP 1.000000E-02 FIBN 5 1 VOFN 1.000000E-02 * AMPLIFYING STAGE FIP 5 19 VOFP 4.370000E+02 FIN 5 19 VOFN 4.370000E+02 RG1 19 5 1.124121E+03 RG2 19 4 1.124121E+03 CC 19 29 2.000000E-09 HZTP 30 29 VOFP 5.574976E+01 HZTN 5 30 VOFN 5.574976E+01 DOPM 19 22 MDTH 400E-12 DONM 21 19 MDTH 400E-12 HOPM 22 28 VOUT 5.000000E+02 VIPM 28 4 5.000000E+01 HONM 21 27 VOUT 5.000000E+02 VINM 5 27 5.000000E+01 EOUT 26 23 19 5 1 VOUT 23 5 0 ROUT 26 3 2.180423E+01 COUT 3 5 1.000000E-12 DOP 19 25 MDTH 400E-12 VOP 4 25 1.511965E+00 DON 24 19 MDTH 400E-12 VON 24 5 1.511965E+00 .ENDS
ELECTRICAL CHARACTERISTICS VCC = 5V, Tamb = 25oC (unless otherwise specified)
Symbol Vio Avd ICC Vicm VOH VOL Isink Isource GBP SR m ts Conditions RL = 100 No load RL = 100 RL = 100 VO = 0V VO = 0V RL = 100, C L = 15pF RL = 100, C L = 15pF RL = 100, C L = 15pF AV = -1 at 0.1% Value 0 1 21 -3.5 to 4.5 +3.6 -3.6 108 108 147 180 42 22.6 Unit mV V/mV mA V V V mA mA MHz V/s Degrees ns 5/7
TSH150
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP
Dimensions A a1 B b b1 D E e e3 e4 F i L Z
Min. 0.51 1.15 0.356 0.204 7.95
Millimeters Typ. 3.32
Max.
Min. 0.020 0.045 0.014 0.008 0.313
Inches Typ. 0.131
Max.
1.65 0.55 0.304 10.92 9.75 2.54 7.62 7.62 6.6 5.08 3.81 1.52
0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060
6/7
DIP8.TBL
3.18
0.125
PM-DIP8.EPS
TSH150
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Dimensions A a1 a2 a3 b b1 C c1 D E e e3 F L M S
Min. 0.1 0.65 0.35 0.19 0.25 4.8 5.8
Millimeters Typ.
Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2
o
Min. 0.004 0.026 0.014 0.007 0.010 0.189 0.228
Inches Typ.
Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244
1.27 3.81 3.8 0.4 4.0 1.27 0.6 8 (max.)
o
0.050 0.150 0.150 0.016 0.157 0.050 0.024
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publ ication supersedes and replaces all infor mation previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
ORDER CODE :
7/7
SO8.TBL
PM-SO8.EPS


▲Up To Search▲   

 
Price & Availability of TSH150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X